Part Number Hot Search : 
UBA2032T L7805 80020 60300 TPS85107 2SC4350 2SC181 CLL4741A
Product Description
Full Text Search
 

To Download ZMM5223B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZMM5221B - ZMM5267B
500mW SURFACE MOUNT ZENER DIODE Features
* * * 500mW Power Dissipation Outline Similar to JEDEC DO-213AA Hemetic Glass Package
C B A
Mechanical Data
* * * * * Case: MiniMELF Terminals: Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking: Cathode Band Only Weight: 0.034 grams (approx.)
MiniMELF Dim A B C Min 3.30 1.30 0.28 Max 3.70 1.60 0.50
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Characteristic Power Dissipation Thermal Resistance, Junction to Ambient Air Forward Voltage (Note 1) (Note 1) Pd RqJA VF
@ TA = 25C unless otherwise specified Value 500 300 1.5 -65 to +175 Unit mW C /W V
oC
Symbol
@ IF = 200mA
Operating and Storage Temperature Range
Tj, TSTG
Notes:
1. Valid provided that electrodes are kept at ambient temperature. 2. Tested with pulses, Tp 100ms.
DS30024 Rev. C-2
1 of 3
ZMM5221B-ZMM5267B
Electrical Characteristics
Type Number Nom (V) ZMM5221B ZMM5222B ZMM5223B ZMM5224B ZMM5225B ZMM5226B ZMM5227B ZMM5228B ZMM5229B ZMM5230B ZMM5231B ZMM5232B ZMM5233B ZMM5234B ZMM5235B ZMM5236B ZMM5237B ZMM5238B ZMM5239B ZMM5240B ZMM5241B ZMM5242B ZMM5243B ZMM5244B ZMM5245B ZMM5246B ZMM5247B ZMM5248B ZMM5249B ZMM5250B ZMM5251B ZMM5252B ZMM5253B ZMM5254B ZMM5255B ZMM5256B ZMM5257B ZMM5258B ZMM5259B ZMM5260B ZMM5261B ZMM5262B ZMM5263B ZMM5264B ZMM5265B ZMM5266B ZMM5267B Notes: 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75
@ TA = 25C unless otherwise specified Maximum Zener Impedance IZT Max (V) 2.52 2.63 2.84 294 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35 53.55 58.80 63.00 65.10 71.40 78.75 mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 ZZT @ IZT W 30 30 30 30 29 28 24 23 22 19 17 11 7.0 7.0 5.0 6.0 8.0 8.0 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 270 ZZK @ IZK = 0.25mA W 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700 Maximum Reverse Current IR A 100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 @VR V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56 Typical Temperature Coefficient @ IZT %/ C -0.085 -0.085 -0.080 -0.080 -0.075 -0.070 -0.065 -0.060 -0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.062 +0.065 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.083 +0.084 +0.085 +0.086 +0.086 +0.087 +0.087 +0.089 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094 +0.095 +0.095 +0.096 +0.096 +0.097 +0.097 +0.097 +0.098
Zener Voltage Range (Note 2) VZ @ IZT Min (V) 2.28 2.38 2.57 2.66 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35 34.20 37.05 40.85 44.65 48.45 53.20 57.00 58.90 64.60 71.25
2. Tested with pulses, Tp 100ms.
DS30024 Rev. C-2
2 of 3
ZMM5221B-ZMM5267B
500
200
VR = 2.0V Tj = 25C
Pd, POWER DISSIPATION (mW)
400
Cj, JUNCTION CAPACITANCE (pF)
0 40 80 120 160 200
150
300
100
200
100
50
0
0 0 5 10 15 20 25 VZ, ZENER VOLTAGE (V) Fig. 2 Junction Capacitance vs Zener Voltage
TA, AMBIENT TEMPERATURE Fig.1 Power Dissipation vs Ambient Temperature
1000
DIFFERENTIAL ZENER RESISTANCE ()
Tj = 25C
IZ = 1.0mA
100
5.0mA
10
10mA
1 0 5 10 15 20 25 VZ, ZENER VOLTAGE (V) Fig. 3 Differential Zener Impedance
1000
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE (oC/W)
100
RJA (t) = r(t) P(pk) t1 D = 0.5 0.2 0.1 0.05 0.02 0.01 t2 TJ - TA = PPK
RJA = 300 K/W
* RJA
10
Duty Cycle, D = t1/t2
* RJA(t)
1.0 0.1 1.0 10 100 1000
t1, SQUARE WAVE PULSE DURATION (seconds) Fig. 4 Typical Normalized Transient Thermal Impedance Curves
DS30024 Rev. C-2
3 of 3
ZMM5221B-ZMM5267B


▲Up To Search▲   

 
Price & Availability of ZMM5223B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X